PART |
Description |
Maker |
AS7C3364FT36B-80TQIN AS7C3364FT32B AS7C3364FT32B-1 |
From old datasheet system Shielding Gasket; Gasket Style:D-Shaped; Body Material:Beryllium Copper alloy #C17200; Height:.11"; Length:16"; Mounting Type:Adhesive; Thickness:.0027"; Width:.28" 64K X 32 STANDARD SRAM, 10 ns, PQFP100 3.3V 64K x 32/36 Flow Through Synchronous SRAM 64K X 32 STANDARD SRAM, 6.5 ns, PQFP100 3.3V 64K x 32/36 Flow Through Synchronous SRAM 64K X 36 STANDARD SRAM, 7.5 ns, PQFP100
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
CY7C187-20DC CY7C187-20LC |
64K X 1 STANDARD SRAM, 20 ns, CDIP22 0.300 INCH, CERDIP-22 64K X 1 STANDARD SRAM, 20 ns, CQCC22 CERAMIC, LCC-22
|
Cypress Semiconductor, Corp.
|
AS7C31026B AS7C31026B-10JCN AS7C31026B-10JI AS7C31 |
SRAM - 3.3V Fast Asynchronous Replaced by SN74LV174A : Hex D-Type Flip-Flop With Clear 16-SOIC -40 to 85 Replaced by SN74LV174A : Hex D-Type Flip-Flop With Clear 16-SSOP -40 to 85 Replaced by SN74LV174A : Hex D-Type Flip-Flop With Clear 16-TSSOP -40 to 85 3.3 V 64K X 16 CMOS SRAM 64K X 16 STANDARD SRAM, 10 ns, PDSO44 Hex D-Type Flip-Flops With Clear 16-SSOP -40 to 85 64K X 16 STANDARD SRAM, 20 ns, PDSO44 8-Bit Parallel-Load Shift Registers 16-TSSOP -40 to 85 64K X 16 STANDARD SRAM, 15 ns, PDSO44 3.3 V 64K X 16 CMOS SRAM 64K X 16 STANDARD SRAM, 12 ns, PDSO44 Hex D-Type Flip-Flops With Clear 16-SOIC -40 to 85 64K X 16 STANDARD SRAM, 20 ns, PDSO44 3.3 V 64K X 16 CMOS SRAM
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
AS7C31026 AS7C31026-10 AS7C31026-10BC AS7C31026-10 |
5V/3.3V 64K16 CMOS SRAM 8-Bit Parallel-Load Shift Registers 16-SOIC -40 to 85 CONN SOCKET IC 16-PIN SMD 8-Bit Parallel-Load Shift Registers 16-TSSOP -40 to 85 CONN SOCKET IC 18-PIN SMD 8-Bit Parallel-Load Shift Registers 16-SO -40 to 85 64K X 16 STANDARD SRAM, 20 ns, PBGA48 5V/3.3V 64Kx6 CMOS SRAM 5V/3.3V 64Kx6 CMOS SRAM 5V/3.3V 64Kx6 CMOS SRAM 64K X 16 STANDARD SRAM, 12 ns, PDSO44 5V/3.3V 64Kx6 CMOS SRAM 64K X 16 STANDARD SRAM, 15 ns, PDSO44 5V/3.3V 64Kx6 CMOS SRAM 64K X 16 STANDARD SRAM, 20 ns, PDSO44 5V/3.3V 64Kx6 CMOS SRAM 64K X 16 STANDARD SRAM, 20 ns, PBGA48 5V/3.3V 64Kx6 CMOS SRAM 64K X 16 STANDARD SRAM, 10 ns, PDSO44
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] ETC[ETC] Alliance Semiconductor, Corp.
|
CY7C195-12LC CY7C195-15LC CY7C195-15LMB CY7C194-12 |
64K x 4 Static RAM 64K X 4 STANDARD SRAM, 25 ns, PDSO28 64K x 4 Static RAM 64K X 4 STANDARD SRAM, 25 ns, PDIP28 64K x 4 Static RAM 64K X 4 STANDARD SRAM, 15 ns, PDIP28 x4 SRAM
|
Cypress Semiconductor, Corp.
|
CY7C195B CY7C195B-12VC CY7C195B-15VC CY7C195B-25PC |
256 Kb (64K x 4) Static RAM 64K X 4 STANDARD SRAM, 15 ns, PDSO28
|
Cypress Semiconductor, Corp. CYPRESS[Cypress Semiconductor]
|
MCM6208C MCM6208CJ12 MCM6208CJ12R2 MCM6208CJ15 MCM |
CB 5C 5#12 PIN RECP WALL 64K X 4 STANDARD SRAM, 12 ns, PDIP24 64K x 4 Fast Static RAM
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc]
|
GS820H32Q-5I GS820H32T-150I GS820H32GT-5I GS820H32 |
100MHz 12ns 64K x 32 2M synchronous burst SRAM 64K x 32 2M Synchronous Burst SRAM 64K X 32 CACHE SRAM, 12 ns, PQFP100 64K x 32 2M Synchronous Burst SRAM 64K X 32 CACHE SRAM, 9 ns, PQFP100 117MHz 11ns 64K x 32 2M synchronous burst SRAM 138MHz 9.7ns 64K x 32 2M synchronous burst SRAM
|
GSI Technology, Inc.
|
CY7C09289 CY7C09289-9AI CY7C09289-9AC CY7C09389-9A |
32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 18 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 15 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 DIODE SCHOTTKY SINGLE 75V 200mW 0.45V-vf 150mA-IFM 10mA-IF 5uA-IR SOD-123 3K/REEL 32K X 18 DUAL-PORT SRAM, 18 ns, PQFP100 0.1UF 50V 10% 0805 X7R CERAMIC CAPACITOR 32K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 (CY7C09279 - CY7C09289) 32K/64K X 16/18 Synchronous Dual Port Static RAM True dual-ported memory cells which allow simultaneous access of the same memory location
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
|